PART |
Description |
Maker |
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
ILC5061AM2 ILC5061M46X ILC5061M46 ILC5061M44X ILC5 |
Power Supply reset Monitor with 1% Precision Power Supply reset Monitor with 1% Precision 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 150K 1/8W RESISTOR Voltage Detector (3.1V) Voltage Detector (3.2V) Voltage Detector (2.9V) Voltage Detector (2.8V) Voltage Detector (3.4V) Voltage Detector (4.6V) Voltage Detector (2.3V)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MAX6840 MAX6839 MAX6838 MAX6837 MAX6836 MAX6835 MA |
1.575 V, 210 ms, ultra-low-voltage voltage detector and mP reset circuit 16-Bit Shift Registers 24-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators 20-LCCC -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CFP -55 to 125 超低电压SC70封装电压检测器和レP复位电路 Ultra-Low-Voltage SC70 Voltage Detectors and µP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Ultra-Low-Voltage SC70 Voltage Detectors and レP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Ultra-Low-Voltage SC70 Voltage Detectors and µP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Ultra-Low-Voltage SC70 Voltage Detectors and レP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Ultra-Low-Voltage SC70 Voltage Detectors and µ.P Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and μP Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and ?P Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and P Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and ?? Reset Circuits 1.050 V, 0.07 ms, ultra-low-voltage voltage detector and mP reset circuit 1.313 V, 0.07 ms, ultra-low-voltage voltage detector and mP reset circuit 1.575 V, 0.07 ms, ultra-low-voltage voltage detector and mP reset circuit 1.050 V, 219 ms, ultra-low-voltage voltage detector and mP reset circuit 1.313 V, 210 ms, ultra-low-voltage voltage detector and mP reset circuit
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc... MAXIM - Dallas Semiconductor
|
BU4227FVE-TR BU4321F-TR |
Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
|
Rohm
|
BU4948F-TR BU4948FVE-TR BU4948G-TR BU4809FVE-TR BU |
Low Voltage Standard CMOS Voltage Detector IC Series
|
Rohm
|
BU4844 BU4848 BU4843 BU4842 BU4846 BU4824 BU4822 B |
Low Voltage Standard CMOS Voltage Detector IC Series
|
ROHM
|
CMX631A |
Low Power Operation Low Voltage SPM Detector
|
CML Microcircuits
|
RN5VT27A RN5VT27A-RF RN5VT27A-RR RN5VT27A-T1 RN5VT |
LOW VOLTAGE DETECTOR
|
RICOH[RICOH electronics devices division]
|
BU4945G BU4909G BU4910G BU4911G BU4912G BU4913G BU |
Low Voltage Detector IC
|
ROHM[Rohm]
|
R3111H361A R3111H361A-T1 R3111H361A-TR R3111H361A- |
LOW VOLTAGE DETECTOR
|
RICOH electronics devices division
|
R3113D201X R3113D281X R3113D171X R3113D141X R3113D |
LOW VOLTAGE DETECTOR
|
http:// RICOH electronics devices division
|
KIA7042AP |
Active Low Voltage Detector
|
KEC
|